Part Number Hot Search : 
A1011 161RCUS N4150 BT137600 MUR2020 OP593B 000001 PC811
Product Description
Full Text Search
 

To Download RH-1505DH6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eco-1 rev.: 1/2015 www.recom-power.com 1 watt sip7 single and dual output dc/dc converter features unregulated converters ? high 6.4kvdc isolation ? wide operating temperature range from -40c to +90c without derating ? high capacitive load capability ? continuous short circuit protection ? built-in en55022 class a filter ? effciency up to 80% rk/h6 & rh/h6 description the rk/h6 and rh/h6 series 1w dc/dc converters feature high 6.4kvdc isolation and an extended operating temperature range up to +90c without derating, yet are lower cost than standard high isolation converters. they are suitable for demanding industrial and high isolation test and measurement applications. selection guide part input output output effciency max. capacitive number voltage range voltage current typ. load (1) (vdc) (vdc) (ma) (%) (f) rk-xx3.3s/h6 5, 12, 15, 24 3.3 303 71-74 1000 rk-xx05s/h6 5, 12, 15, 24 5 200 74-77 1000 rk-xx12s/h6 5, 12, 15, 24 12 84 77-79 220 rk-xx15s/h6 5, 12, 15, 24 15 66 77-80 220 rh-xx3.3d/h6 5, 12, 15, 24 3.3 152 73-74 330 rh-xx05d/h6 5, 12, 15, 24 5 100 74-77 330 rh-xx12d/h6 5, 12, 15, 24 12 42 77-80 100 rh-xx15d/h6 5, 12, 15, 24 15 33 78-80 100 3 y e a r w a r r a n t y 3 notes: note1: max. capacitive load is tested at nominal input voltage and full load. basic characteristics parameter condition min. typ. max. input voltage range 10% start-up time vin nominal, full load 20ms operating frequency vin nominal, full load 80khz minimum load 0% output ripple and noise vin nominal, 20mhz bw limited 60mvp-p 120mvp-p continued on next page specifcations (measured at t a = 25c, nominal input voltage, full load and after warm up unless otherwise specifed) iec60950-1 (pending) ul60950-1 (pending)
eco-2 rev.: 1/2015 www.recom-power.com specifcations (measured at t a = 25c, nominal input voltage, full load and after warm up unless otherwise specifed) protections parameter condition value input filter internal capacitor short circuit protection (scp) continuous isolation voltage i/p to o/p, tested i/p to o/p, rated 6.4kvdc / 1 second 5.2kvdc / 1 minute isolation capacitance 75pf max. isolation resistance 10g ? min. regulations parameter condition values output voltage accuracy full load, nom. vin 5% max. line voltage regulation low line to high line, max. load 1.2% / 1%vin typ. load voltage regulation 10% to 100% load 10% max. rk/h6 & rh/h6 series 0 10 -5 0 5 10 15 20 30 40 50 60 70 80 90 100 rk-123.3s/h6 rk-0505s/h6 rk-0512s/h6 rk-2415s/h6 load (%) deviation (%) rh-123.3d/h6 rh-0505d/h6 rh-1212d/h6 rh-0515d/h6 0 10 -5 0 5 10 15 20 30 40 50 60 70 80 90 100 load (%) deviation (%) deviation vs. load single output dual output effciency vs. load 0 0 10 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 rk-123.3s/h6 rk-0505s/h6 rk-0512s/h6 rk-2415s_h6 load (%) efficiency (%) 0 0 10 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 rh-123.3d/h6 rh-0505d/h6 rh-1212d/h6 rh-0515d/h6 load (%) efficiency (%) single output dual output dc/dc converter
specifcations (measured at t a = 25c, nominal input voltage, full load and after warm up unless otherwise specifed) rk/h6 & rh/h6 series environmental parameter condition value operating temperature range free air convection, without derating (see graph) -40c to +90c operating humidity non-condensing 5% - 95% rh max.% mtbf (+25c) (+85c) according to mil-hdbk-217f, full load 14919 x 103 hours 9468 x 103 hours derating graph safety and certifications certifcate type report / file number standard ul general safety (pending) ul60950-1, 2nd edition iec general safety (pending) iec60950-1, 2nd edition emi compliance condition standard / criterion emc conducted and radiated no external flter necessary only with external flter (see suggestions) en55022, class a en55022, class b eco-3 rev.: 1/2015 www.recom-power.com dc dc c2 l1 rk-xxyys/h6 + rh-xxyys/h6 c1 c2 l1 vin 10f 470pf/8kvdc 10h 5v 4.7f 470pf/8kvdc 22h 12v 4.7f 470pf/8kvdc 22h 15v 10f 470pf/8kvdc 47h 24v dc dc c1 c1 c2 fuse fuse l1 c1 = mlcc l1 = smd inductor +vin -vin +vin -vin +vout com -vout +vout -vout emc filtering - suggestions for class b 100 80 60 40 20 0 -40 0 50 100 90 95 150 output power (%) ambient temperature (c) safe operating area dc/dc converter
rk/h6 & rh/h6 series specifcations (measured at t a = 25c, nominal input voltage, full load and after warm up unless otherwise specifed) dc/dc converter dimension and physical characteristics parameter type value case material potting material non-conductive black plastic ul94v-0, epoxy package dimension (lxwxh) 19.6 x 10.2 x 7.0mm package weight 2.7g typ. packaging information parameter type value packaging dimension (lxwxh) tube 520 x 9.3 x 16.5mm packaging quantity 25pcs storage temperature range -55c to +125c eco-4 rev.: 1/2015 www.recom-power.com dimension drawing (mm) tube dimension drawing (mm) rk-xxyys/h6 series **** rh-xxyyd/h6 series **** bottom view top view 0.51 1.27 10.2 0.51 7.0 1.00 ? +0.15/-0 19.6 embossed logo 6x2.54=15.24 3x2.54=7.62 2.0 2.54 2.54 4.10 0.25 1 2 5 6 7 1 2 5 7 marking recommended footprint details pin connections pin # single dual 1 +vin +vin 2 -vin -vin 5 -vout -vout 6 no pin com 7 +vout +vout tolerance: xx.x= 0.50mm xx.xx= 0.25mm the product information and specifcations are subject to change without prior notice. recom products are not authorized for use in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defned as an application where a failure of a recom product may reasonably be expected to endanger or cause loss of life, infict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affliated companies and its representatives against any damage claims in connection with the unauthorized use of recom products in such safety-critical applications. 9.30.5 4.90.5 16.50.5 12.10.5 0.50.2


▲Up To Search▲   

 
Price & Availability of RH-1505DH6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X